Part Number Hot Search : 
BSP129 24C64AW 15E03SL MBRF2 100BZ TT2218LS 1336M001 GS9060
Product Description
Full Text Search
 

To Download NTE30107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE30107 LED - Dual Color 5mm Super Fresh Red/Super Blue
Features: D RoHS Compliant D Water Clear Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Power Dissipation, Pd Super Fresh Red . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mW Super Blue . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120mW Continuous Forward Current, IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA Peak Forward Current (1/10 Duty Ratio, 0.1ms Pulse Width), IFM . . . . . . . . . . . . . . . . . . . . . . . 50mA Reverse Voltage, VR Super Fresh Red . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Super Blue . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4V Electrostatic Discharge (Super Blue Only), HBM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150V LED Junction Temperature, Tj . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +100C Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25C to +85C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +100C DIP Soldering Temperature (During Soldering, 3mm from body, 5sec max), TL . . . . . . . . . . +260C Electro-Optical Characteristics: (TA = +25C unless otherwise specified)
Parameter View Angle of Half Power Forward Voltage Super Fresh Red Super Blue Reverse Current Super Fresh Red Super Blue Luminous Intensity (Note 1) Super Fresh Red Super Blue Peak Emission Wavelength Super Fresh Red Super Blue Dominate Wave Length (Note 2) Super Fresh Red Super Blue Symbol 2Q 1/2 VF Test Conditions IF = 20mA IF = 20mA Min - - - - - 700 500 - - - - Typ 30 2.00 3.50 - - 1500 1400 635 468 626 470 Max - 2.50 4.20 10 60 - - - - - - Unit deg V V A A mcd mcd nm nm nm nm
IR
VR = 4V
IV
IF = 20mA
p p
IF = 20mA
d(HUE) ( )
IF = 20mA
Note 1. Luminous intensity is measured with an Exeltron 2001, Tolerance = 30%. Note 2. The dominate wavelength, d, is derived from the CIE Chromaticity Diagram and represents the color of the device.
0.22 (5.75)
0.41 (10.5)
0.34 (8.7)
0.02 (0.7) Max 0.94 (24.0) Min
0.01 (0.5)
0.03 (1.0) MIn
0.07 (2.0) MIn
0.10 (2.54) 1. Red + 2. Common Lead - 3. Blue +


▲Up To Search▲   

 
Price & Availability of NTE30107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X